| Moteur de recherche de fiches techniques de composants électroniques |
|
GPS Fiches technique(PDF) 13 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
|
|||||||||||||||||||||||||||||
GPS Fiches technique(HTML) 13 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
13 / 15 page ![]() Shenzhen KYL Communication Equipment Co., Ltd www.rf-data.com Fax: 86-755-83408785 sales02@rf-data.com 13 c. Send SMS noadminsms+password to cancel the SMS center. Response SMS format: authorized number+Geo-info 5.20 Set up GPRS The user needs to set IP address and Port by SMS to start the function of GPRS. Set up: Send SMS ip+space+IP address+space+port, and it will reply SMS ”set IP address and Port OK” For example: Send SMS “ip 123.98.43.254 port2456”to the device 5.21 Set up Sending data mode for GPS. Set up Sending data mode for GPS, and then it can send GPS data to IP address. (Refer to5.21). After this setting, you can call or send SMS to the tracker. The tracker will hand up the call and reply SMS “Serial number+authorized number+GPRMC+command+IMEI number+CRC16 “to IP address. 5.22 Modes switch between “telephone” and “web” For sending GPS data to your IP address, you should set up the sending mode for GPS data. Set up: Send SMS web+password to device. For example, password is 123456.Send SMS “web123456”to the device, if you set successfully, the device will reply SMS “set web ok’. After this, you can call or send SMS to the tracker. The tracker will hang up the phone and report the GPS data to IP address. If you want to send GPS data to a telephone, you can send SMS telephone+password to the device. If set successfully, the device will reply ‘set telephone ok’. And then, the device will send GPS data to your telephone by |