Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF7242BCPZ Fiches technique(PDF) 21 Page - Analog Devices

No de pièce ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Fiches technique(HTML) 21 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 17Page - Analog Devices ADF7242BCPZ Datasheet HTML 18Page - Analog Devices ADF7242BCPZ Datasheet HTML 19Page - Analog Devices ADF7242BCPZ Datasheet HTML 20Page - Analog Devices ADF7242BCPZ Datasheet HTML 21Page - Analog Devices ADF7242BCPZ Datasheet HTML 22Page - Analog Devices ADF7242BCPZ Datasheet HTML 23Page - Analog Devices ADF7242BCPZ Datasheet HTML 24Page - Analog Devices ADF7242BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
ADF7242
Rev. 0 | Page 21 of 108
.....
.....
TRCLK_CKO_GP3
DT_GP1 SAMPLE
DT_GP1
TRCLK_CKO_GP3
DT_GP1 SAMPLE
DT_GP1
DT_GP1
TRCLK_CKO_GP3
TX
RC_TX
PHY_RDY
RC STATE
PA POWER
PACKET
COMPONENT
t35
RC_PHY_RDY
PHY_RDY
t37
t36
PACKET DATA
REGISTER gp_cfg, FIELD gpio_config = 4
DATA CLOCKED IN ON FALLING EDGE
t32
t34
t33
t34
t33
t32
REGISTER gp_cfg, FIELD gpio_config = 1
DATA CLOCKED IN ON RISING EDGE
PSDU
SYNC
WORD
POST-
AMBLE
PREAMBLE
Figure 13. GFSK/FSK TX SPORT Mode
Refer to the SPORT Interface section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More