Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC4217 Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce SC4217
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4217 Fiches technique(HTML) 2 Page - Semtech Corporation

  SC4217_09 Datasheet HTML 1Page - Semtech Corporation SC4217_09 Datasheet HTML 2Page - Semtech Corporation SC4217_09 Datasheet HTML 3Page - Semtech Corporation SC4217_09 Datasheet HTML 4Page - Semtech Corporation SC4217_09 Datasheet HTML 5Page - Semtech Corporation SC4217_09 Datasheet HTML 6Page - Semtech Corporation SC4217_09 Datasheet HTML 7Page - Semtech Corporation SC4217_09 Datasheet HTML 8Page - Semtech Corporation SC4217_09 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC4217
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC427MTRT()(2)
TO263-5
SC427EVB
Evaluation Board
Notes:
Available in tape and reel only. A reel contains 800 devices.
Device is WEEE and RoHS compliant.
)
2)
Eyww
SC4217
xxxxxxxxx
Marking for TO263 5 Lead Package:
xxxxxxxxx = Semtech Lot # (Example:EA0180101)
Eyww = Datecode (Example: E752)
TOP MARK
9/9/9
CHAR
3
ROWS
TOP VIEW
(TO263-5L)
1
3
5
TAB
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11