Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC4215 Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce SC4215
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215 Fiches technique(HTML) 2 Page - Semtech Corporation

  SC4215 Datasheet HTML 1Page - Semtech Corporation SC4215 Datasheet HTML 2Page - Semtech Corporation SC4215 Datasheet HTML 3Page - Semtech Corporation SC4215 Datasheet HTML 4Page - Semtech Corporation SC4215 Datasheet HTML 5Page - Semtech Corporation SC4215 Datasheet HTML 6Page - Semtech Corporation SC4215 Datasheet HTML 7Page - Semtech Corporation SC4215 Datasheet HTML 8Page - Semtech Corporation SC4215 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC4215
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC425ISTRT()(2)
SOIC-8-EDP
SC425IEVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 2,500 devices.
(2) Available in Pb-Free product only. RoHS/WEEE and Halogen Free
compliant.



Html Pages

1 2 3 4 5 6 7 8 9