Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC2595 Fiches technique(PDF) 5 Page - Semtech Corporation

No de pièce SC2595
Description  Integrated Linear DDR Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2595 Fiches technique(HTML) 5 Page - Semtech Corporation

  SC2595 Datasheet HTML 1Page - Semtech Corporation SC2595 Datasheet HTML 2Page - Semtech Corporation SC2595 Datasheet HTML 3Page - Semtech Corporation SC2595 Datasheet HTML 4Page - Semtech Corporation SC2595 Datasheet HTML 5Page - Semtech Corporation SC2595 Datasheet HTML 6Page - Semtech Corporation SC2595 Datasheet HTML 7Page - Semtech Corporation SC2595 Datasheet HTML 8Page - Semtech Corporation SC2595 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
©2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2595
Block Diagram
OUT
+
-
GND
VDDQ
VREF
VSENSE
UVLO
+
-
PVCC
AVCC
VTT
NC
Driver
Circuit
OUT
Notes:
Notes:
Notes:
Notes:
Notes:
(1) Can be used for vias.
(2) Power up of AV
CC, PVCC and VDDQ supplies.
(a) The preferred mode of operation is when the AV
CC, PVCC and VDDQ pins are tied together to a single supply.
(b) If and when AV
CC, PVCC pins are tied to a supply separate to that of the VDDQ supply pin; then the VDDQ supply should
lead AV
CC, PVCC supply or the VDDQ supply and the AVCC, PVCC supply should rise simultaneously.
(c) If the AV
CC, PVCC and VDDQ supply pins are connected in a way such that, AVCC, PVCC supplies precedes VDDQ supply;
then V
TT output precedes VDDQ. This can cause the SDRAM device to latch-up, which may cause permanent
damage to the SDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12