Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC2604 Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce SC2604
Description  Simple PWM Boost Controller with Input Disconnect FET Drive
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2604 Fiches technique(HTML) 2 Page - Semtech Corporation

  SC2604 Datasheet HTML 1Page - Semtech Corporation SC2604 Datasheet HTML 2Page - Semtech Corporation SC2604 Datasheet HTML 3Page - Semtech Corporation SC2604 Datasheet HTML 4Page - Semtech Corporation SC2604 Datasheet HTML 5Page - Semtech Corporation SC2604 Datasheet HTML 6Page - Semtech Corporation SC2604 Datasheet HTML 7Page - Semtech Corporation SC2604 Datasheet HTML 8Page - Semtech Corporation SC2604 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SC2604
2
www.semtech.com
© 2007 Semtech Corp.
nnnn=Part Number Code (Example AS00)
- Reference Part No. Code for MSOP
yyww=Date Code (Example: 0752)
xxxx = Semtech Lot No. (Example: E90)
xxxx = Semtech Lot No. (Example: 0-)
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC2604MSTRT()(2)
MSOP-8
SC2604EVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 2,500 devices.
(2) Available in lead-free package only. Device is fully WEEE and RoHS
compliant.
(8 - Pin MSOP)
Top Mark
Bottom Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14