Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC2596 Fiches technique(PDF) 8 Page - Semtech Corporation

No de pièce SC2596
Description  Low Voltage Integrated DDR Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596 Fiches technique(HTML) 8 Page - Semtech Corporation

Back Button SC2596 Datasheet HTML 4Page - Semtech Corporation SC2596 Datasheet HTML 5Page - Semtech Corporation SC2596 Datasheet HTML 6Page - Semtech Corporation SC2596 Datasheet HTML 7Page - Semtech Corporation SC2596 Datasheet HTML 8Page - Semtech Corporation SC2596 Datasheet HTML 9Page - Semtech Corporation SC2596 Datasheet HTML 10Page - Semtech Corporation SC2596 Datasheet HTML 11Page - Semtech Corporation SC2596 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
© 2009 Semtech Corp.
www.semtech.com
SC2596
PRELIMINARY
POWER MANAGEMENT
Block Diagram
+
-
Er ror Am p.
AVCC
GND
UVLO +
Thermal
Shutdown
VDDQ
Vsense
VTT
Anti-
Shoot-
thru
+
Driver
Circuit
PVCC
EN
VREF
Vref Buffer
Description
Description
Description
Description
Description
SC2596 is a low-voltage, low-dropout DDR termination
regulator with separate power supply to support both
DDR1 and DDR2 applications. AVCC and PVCC can be
tied together for DDR1 and can also be separated for
DDR2.
SC2596 regulates VTT to the voltage of VREF. VTT will
sink or source upto 2.5A. Internal shoot-through protec-
tion ensure both top and bottom MOSFET will not con-
duct while maintaining fast source-to-sink load transient.
Thermal shut-down and internal current limit protect
SC2596 from shorted load or over-heated
VREF BUFF
VREF BUFF
VREF BUFF
VREF BUFF
VREF BUFF
VREF is derived from VDDQ with an accurate divide by
op-amps(VREF Buffer). It is capable to sink and source
30uA. It is used as the reference voltage to the Error
amp. A 100nF or higher capacitor is recommended for
VREF pin to ground; To enhance the noise immunity from
board, an additional pull-down resistor (1M
Ω) is
recomanded as well from VREF pin to ground.
ERROR AMP
ERROR AMP
ERROR AMP
ERROR AMP
ERROR AMP
Low input offset op-amp for the main linear regulator. It
controls the VTT output voltage and which side of the
MOSFET to turn on (or turn off) to achieve zero shoot
through current.
ANTI-Shoot Thought Driver
ANTI-Shoot Thought Driver
ANTI-Shoot Thought Driver
ANTI-Shoot Thought Driver
ANTI-Shoot Thought Driver
Buffer stage takes the error voltage to control MOSFET.
Internal current limit is incorporated to protect from
shorted load.
THERMAL SHUTDOWN & UVLO
THERMAL SHUTDOWN & UVLO
THERMAL SHUTDOWN & UVLO
THERMAL SHUTDOWN & UVLO
THERMAL SHUTDOWN & UVLO
The Thermal shutdown block prevent the junction tem-
perature exceed 165 oC. UVLO circuit to ensure proper
power is available for correct operation of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14