Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC2443EVB Fiches technique(PDF) 21 Page - Semtech Corporation

No de pièce SC2443EVB
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443EVB Fiches technique(HTML) 21 Page - Semtech Corporation

Back Button SC2443EVB Datasheet HTML 14Page - Semtech Corporation SC2443EVB Datasheet HTML 15Page - Semtech Corporation SC2443EVB Datasheet HTML 16Page - Semtech Corporation SC2443EVB Datasheet HTML 17Page - Semtech Corporation SC2443EVB Datasheet HTML 18Page - Semtech Corporation SC2443EVB Datasheet HTML 19Page - Semtech Corporation SC2443EVB Datasheet HTML 20Page - Semtech Corporation SC2443EVB Datasheet HTML 21Page - Semtech Corporation SC2443EVB Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
SC2443
2
Outline Drawing - MLPQ-24
© Semtech, Inc. All Rights Reserved. An ISO-registered company. Semtech cannot assume responsibility for use of any circuitry other than
circuitry entirely embodied in a Semtech product. No circuit patent licenses are implied. Semtech reserves the right to change the circuitry and
specifications without notice at any time. Trademarks and Copyrights belong to their respective holders.
© 2007 Semtech Corporation
E1
e
bxN
D/2
LxN
INCHES
.020 BSC
b
.007
bbb
aaa
N
D1
E
L
e
D
.012
.100
DIM
A1
A2
A
MIN
.000
-
.031
0.30
0.18
.012
0.25
.010
0.50
2.80
0.30
2.55
.004
.004
24
.016
.157
.106
.020
.110
0.10
0.10
24
0.40
4.00
2.70
0.50 BSC
MILLIMETERS
MAX
0.05
-
1.00
DIMENSIONS
MIN
0.00
-
NOM
(.008)
.035
.001
MAX
.002
-
.039
NOM
0.80
0.02
(0.20)
0.90
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
NOTES:
2.
1.
1
2
N
E1 .100 .106 .110 2.55 2.70 2.80
PIN 1
INDICATOR
4.15
3.85
4.00 4.15
3.85
.157
.152
.163
.152
.163
aaa C
A
C
(LASER MARK)
D
E
B
A1
A
A2
SEATING
PLANE
E/2
bbb
C A B
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22