| Moteur de recherche de fiches techniques de composants électroniques |
|
SC2443 Fiches technique(PDF) 21 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2443 Fiches technique(HTML) 21 Page - Semtech Corporation |
|
21 / 22 page ![]() SC2443 2 Outline Drawing - MLPQ-24 © Semtech, Inc. All Rights Reserved. An ISO-registered company. Semtech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Semtech product. No circuit patent licenses are implied. Semtech reserves the right to change the circuitry and specifications without notice at any time. Trademarks and Copyrights belong to their respective holders. © 2007 Semtech Corporation E1 e bxN D/2 LxN INCHES .020 BSC b .007 bbb aaa N D1 E L e D .012 .100 DIM A1 A2 A MIN .000 - .031 0.30 0.18 .012 0.25 .010 0.50 2.80 0.30 2.55 .004 .004 24 .016 .157 .106 .020 .110 0.10 0.10 24 0.40 4.00 2.70 0.50 BSC MILLIMETERS MAX 0.05 - 1.00 DIMENSIONS MIN 0.00 - NOM (.008) .035 .001 MAX .002 - .039 NOM 0.80 0.02 (0.20) 0.90 CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. NOTES: 2. 1. 1 2 N E1 .100 .106 .110 2.55 2.70 2.80 PIN 1 INDICATOR 4.15 3.85 4.00 4.15 3.85 .157 .152 .163 .152 .163 aaa C A C (LASER MARK) D E B A1 A A2 SEATING PLANE E/2 bbb C A B D1 |