Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC824 Fiches technique(PDF) 28 Page - Semtech Corporation

No de pièce SC824
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824 Fiches technique(HTML) 28 Page - Semtech Corporation

Back Button SC824 Datasheet HTML 21Page - Semtech Corporation SC824 Datasheet HTML 22Page - Semtech Corporation SC824 Datasheet HTML 23Page - Semtech Corporation SC824 Datasheet HTML 24Page - Semtech Corporation SC824 Datasheet HTML 25Page - Semtech Corporation SC824 Datasheet HTML 26Page - Semtech Corporation SC824 Datasheet HTML 27Page - Semtech Corporation SC824 Datasheet HTML 28Page - Semtech Corporation SC824 Datasheet HTML 29Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
SC824
28
INCHES
.016 BSC
b
.006
bbb
aaa
N
L
e
D
.010
DIM
A1
A2
A
MIN
.000
.020
0.25
0.15
.010
0.20
.008
0.35
0.25
.004
.003
10
.012
.079
.014
0.08
0.10
10
0.30
2.00
0.40 BSC
MILLIMETERS
MAX
0.05
0.60
DIMENSIONS
MIN
0.00
NOM
(.006)
-
-
MAX
.002
.024
NOM
0.50
-
(0.152)
-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
2.00
.079
PIN 1
INDICATOR
(LASER MARK)
A1
SEATING
PLANE
C
B
A
aaa C
1
N
E
2.10
2.10
1.90
1.90
.083
.083
.075
.075
2
A2
D
e
bxN
bbb
C A B
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
D1 .053 .057 .061 1.35 1.45 1.55
E1 .031 .035 .039 0.80 0.90 1.00
E/2
E
A
D1
E1
LxN
D/2
Outline Drawing — MLPD-UT10 2x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29