| Moteur de recherche de fiches techniques de composants électroniques |
|
SC668 Fiches technique(PDF) 19 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC668 Fiches technique(HTML) 19 Page - Semtech Corporation |
|
19 / 46 page ![]() SC668 19 25.0 106 105 104 102 96 90 88 84 80 76 72 68 64 60 52 47 42 38 34 30 26 24 22 20 18 16 14 12 10 8 4 0 23.0 102 101 100 98 92 86 84 80 76 72 68 64 60 56 48 43 38 34 30 26 22 20 18 16 14 12 10 8 6 4 0 4 21.0 98 97 96 94 88 82 80 76 72 68 64 60 56 52 44 39 34 30 26 22 18 16 14 12 10 8 6 4 2 0 4 8 20.0 96 95 94 92 86 80 78 74 70 66 62 58 54 50 42 37 32 28 24 20 16 14 12 10 8 6 4 2 0 2 6 10 19.0 94 93 92 90 84 78 76 72 68 64 60 56 52 48 40 35 30 26 22 18 14 12 10 8 6 4 2 0 2 4 8 12 18.0 92 91 90 88 82 76 74 70 66 62 58 54 50 46 38 33 28 24 20 16 12 10 8 6 4 2 0 2 4 6 10 14 17.0 90 89 88 86 80 74 72 68 64 60 56 52 48 44 36 31 26 22 18 14 10 8 6 4 2 0 2 4 6 8 12 16 16.0 88 87 86 84 78 72 70 66 62 58 54 50 46 42 34 29 24 20 16 12 8 6 4 2 0 2 4 6 8 10 14 18 15.0 86 85 84 82 76 70 68 64 60 56 52 48 44 40 32 27 22 18 14 10 6 4 2 0 2 4 6 8 10 12 16 20 14.0 84 83 82 80 74 68 66 62 58 54 50 46 42 38 30 25 20 16 12 8 4 2 0 2 4 6 8 10 12 14 18 22 13.0 82 81 80 78 72 66 64 60 56 52 48 44 40 36 28 23 18 14 10 6 2 0 2 4 6 8 10 12 14 16 20 24 12.0 80 79 78 76 70 64 62 58 54 50 46 42 38 34 26 21 16 12 8 4 0 2 4 6 8 10 12 14 16 18 22 26 11.0 76 75 74 72 66 62 58 54 50 46 42 38 34 30 22 17 12 8 4 0 4 6 8 10 12 14 16 18 20 22 26 30 10.0 72 71 70 68 62 58 54 50 46 42 38 34 30 26 18 13 8 4 0 4 8 10 12 14 16 18 20 22 24 26 30 34 9.0 68 67 66 64 58 54 50 46 42 38 34 30 26 22 14 9 4 0 4 8 12 14 16 18 20 22 24 26 28 30 34 38 8.0 64 63 62 60 54 50 46 42 38 34 30 26 22 18 10 5 0 4 8 12 16 18 20 22 24 26 28 30 32 34 38 42 7.0 59 58 57 55 49 45 41 37 33 29 25 21 17 13 5 0 5 9 13 17 21 23 25 27 29 31 33 35 37 39 43 47 6.0 54 53 52 50 44 40 36 32 28 24 20 16 12 8 0 5 10 14 18 22 26 28 30 32 34 36 38 40 42 44 48 52 5.0 46 45 44 42 36 32 28 24 20 16 12 8 4 0 8 13 18 22 26 30 34 36 38 40 42 44 46 48 50 52 56 60 4.5 42 41 40 38 32 28 24 20 16 12 8 4 0 4 12 17 22 26 30 34 38 40 42 44 46 48 50 52 54 56 60 64 4.0 38 37 36 34 28 24 20 16 12 8 4 0 4 8 16 21 26 30 34 38 42 44 46 48 50 52 54 56 58 60 64 68 3.5 34 33 32 30 24 20 16 12 8 4 0 4 8 12 20 25 30 34 38 42 46 48 50 52 54 56 58 60 62 64 68 72 3.0 30 29 28 26 20 16 12 8 4 0 4 8 12 16 24 29 34 38 42 46 50 52 54 56 58 60 62 64 66 68 72 76 2.5 26 25 24 22 16 12 8 4 0 4 8 12 16 20 28 33 38 42 46 50 54 56 58 60 62 64 66 68 70 72 76 80 2.0 22 21 20 18 12 8 4 0 4 8 12 16 20 24 32 37 42 46 50 54 58 60 62 64 66 68 70 72 74 76 80 84 1.5 18 17 16 14 8 4 0 4 8 12 16 20 24 28 36 41 46 50 54 58 62 64 66 68 70 72 74 76 78 80 84 88 1.0 14 13 12 10 4 0 4 8 12 16 20 24 28 32 40 45 50 54 58 62 64 66 68 70 72 74 76 78 80 82 86 90 0.5 10 9 8 6 0 4 8 12 16 20 24 28 32 36 44 49 54 58 62 66 70 72 74 76 78 80 82 84 86 88 92 96 0.2 4 3 2 0 6 10 14 18 22 26 30 34 38 42 50 55 60 64 68 72 76 78 80 82 84 86 88 90 92 94 98 102 0.1 2 1 0 2 8 12 16 20 24 28 32 36 40 44 52 57 62 66 70 74 78 80 82 84 86 88 90 92 94 96 100 104 0.05 1 0 1 3 9 13 17 21 25 29 33 37 41 45 53 58 63 67 71 75 79 81 83 85 87 89 91 93 95 97 101 105 0.0 0 1 2 4 10 14 18 22 26 30 34 38 42 46 54 59 64 68 72 76 80 82 84 86 88 90 92 94 96 98 102 106 0.0 0.5 0.1 0.2 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 21.0 23.0 25.0 Ending Value (mA) Table 1 — Number of Backlight Fade / Breathe Steps between Values (See Note) Applications Information (continued) NOTE The fade time is determined by multiplying the number of steps by the fade rate (fade steps × fade rate = fade time). The breathe time is determined by multiplying the number of steps by the breathe rate (breathe steps × breathe rate = breathe time). |