Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC667 Fiches technique(PDF) 24 Page - Semtech Corporation

No de pièce SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Fiches technique(HTML) 24 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 20Page - Semtech Corporation SC667 Datasheet HTML 21Page - Semtech Corporation SC667 Datasheet HTML 22Page - Semtech Corporation SC667 Datasheet HTML 23Page - Semtech Corporation SC667 Datasheet HTML 24Page - Semtech Corporation SC667 Datasheet HTML 25Page - Semtech Corporation SC667 Datasheet HTML 26Page - Semtech Corporation SC667 Datasheet HTML 27Page - Semtech Corporation SC667 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
SC667
24
Applications Information (continued)
PCB Layout Considerations
The layout diagram in Figure 17 illustrates a two-layer
PCB layout for the SC667 and supporting components.
F o l l o w i n g f u n d a m e n t a l l a y o u t r u l e s i s
critical for achieving the performance specified in the
Electrical Characteristics table. The following guidelines
are recommended when developing a PCB layout:
Place all bypass and decoupling capacitors —
C
IN, CLDO1, CLDO2, CLDO3, CLDO4, and CBYP as close to
the device as possible.
Ensure that all connections to pins IN and OUT
make use of wide traces so that the resistive
drop on each connection is minimized.
The thermal pad should be connected to the
ground plane using multiple vias to ensure
proper thermal connection for optimal heat
transfer.
C
LDO1, CLDO2, CLDO3, CLDO4, and CBYP should be
grounded together. Connect these capacitors to
the ground plane at one point near the SC667 as
shown in Figure 17.
•
•
•
•
Figure 18 shows the component copper layer.
Make all ground connections to a solid ground
plane as shown in Figure 19.
All LDO output traces should be made as wide
as possible to minimize resistive losses.
•
•
Figure 17 — Recommended PCB Layout
Figure 18 — Layer 1
Figure 19 — Layer 2
CLDO1
PWM
BL7
IRQ
SDA
SCL
LDO1
BL1
VIN
SC667
GND
VIN
ADI
CBYP
GND
GND
Ground
Plane
CIN
CLDO2
CLDO3
CLDO4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47