| Moteur de recherche de fiches techniques de composants électroniques |
|
SC653 Fiches technique(PDF) 21 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC653 Fiches technique(HTML) 21 Page - Semtech Corporation |
|
21 / 22 page ![]() SC653 21 2.30 2.20 2.40 NOTES: 0.08 18 1.15 0.00 0.50 1.25 1.20 0.05 0.60 (0.152) - - 0.10 2.20 2.30 2.40 0.40 BSC 0.25 0.30 0.35 COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. 2. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 1. DIMENSIONS e bbb aaa A1 A2 D1 E1 DIM N L E D A MILLIMETERS MAX MIN NOM 1 2 N PIN 1 INDICATOR (LASER MARK) SEATING PLANE b 0.15 0.20 0.25 e/2 e D/2 LxN E/2 bxN bbb C A B A B D E A1 aaa C A A2 C E1 1.15 1.20 1.25 D1 Outline Drawing — MLPQ-UT-18 2.3x2.3 |