Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CDBVR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431CDBVR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL431CDBVR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TL431CDBVR Datasheet HTML 4Page - Texas Instruments TL431CDBVR Datasheet HTML 5Page - Texas Instruments TL431CDBVR Datasheet HTML 6Page - Texas Instruments TL431CDBVR Datasheet HTML 7Page - Texas Instruments TL431CDBVR Datasheet HTML 8Page - Texas Instruments TL431CDBVR Datasheet HTML 9Page - Texas Instruments TL431CDBVR Datasheet HTML 10Page - Texas Instruments TL431CDBVR Datasheet HTML 11Page - Texas Instruments TL431CDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
www.ti.com
Vref TOLERANCE (25°C) = 0.5%
TL431B, TL432B ORDERING INFORMATION (1) (continued)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
SOIC (D)
Tube of 75
TL431BQD
T431BQ
Reel of 2500
TL431BQDR
SOT-23-5 (DBV)
Reel of 3000
TL431BQDBVR
T3H_
Reel of 250
TL431BQDBVT
Reel of 3000
TL432BQDBVR
T4H_
Reel of 250
TL432BQDBVT
SOT-23-3 (DBZ)
Reel of 3000
TL431BQDBZR
T3H_
Reel of 250
TL431BQDBZT
-40°C to 125°C
Reel of 3000
TL432BQDBZR
T4H_
Reel of 250
TL432BQDBZT
SOT-89 (PK)
Reel of 1000
TL431BQPK
3H
TL432BQPK
2J
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431BQLP
T431BQ
Ammo of 2000, formed lead
TL431BQLPM
Reel of 2000, formed lead
TL431BQLPR
SC-70 (DCK)
Reel of 1000
TL431BQDCKR
T8_
Reel of 250
TL431BQDCKT
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com