| Moteur de recherche de fiches techniques de composants électroniques |
|
AT90PWM3 Fiches technique(PDF) 153 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM3 Fiches technique(HTML) 153 Page - ATMEL Corporation |
|
153 / 361 page ![]() 153 4317J–AVR–08/10 AT90PWM2/3/2B/3B Figure 16-31. PSC behaviour versus PSCn Input A in Mode 8 The output frequency is modulated by the occurence of significative edge of retriggering input. Figure 16-32. PSC behaviour versus PSCn Input B in Mode 8 The output frequency is modulated by the occurrence of significative edge of retriggering input. The retrigger event is taken into account only if it occurs during the corresponding On-Time. Note: In one ramp mode, the retrigger event on input A resets the whole ramp. So the PSC doesn’t jump to the opposite dead-time. 16.17 PSC Input Mode 9: Fixed Frequency Edge Retrigger PSC PSCOUTn0 PSCOUTn1 DT0 OT0 DT1 OT1 DT0 OT0 DT0 OT0 DT1 OT1 DT1 OT1 PSCn Input A PSCOUTn0 PSCOUTn1 DT0 OT0 DT1 OT1 DT0 OT0 DT0 OT0 DT1 OT1 DT1 OT1 PSCn Input B PSCn Input B or |