Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT90PWM3 Fiches technique(PDF) 149 Page - ATMEL Corporation

No de pièce AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Fiches technique(HTML) 149 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 145Page - ATMEL Corporation AT90PWM3 Datasheet HTML 146Page - ATMEL Corporation AT90PWM3 Datasheet HTML 147Page - ATMEL Corporation AT90PWM3 Datasheet HTML 148Page - ATMEL Corporation AT90PWM3 Datasheet HTML 149Page - ATMEL Corporation AT90PWM3 Datasheet HTML 150Page - ATMEL Corporation AT90PWM3 Datasheet HTML 151Page - ATMEL Corporation AT90PWM3 Datasheet HTML 152Page - ATMEL Corporation AT90PWM3 Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 361 page
background image
149
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.10 PSC Input Mode 2: Stop signal, Execute Opposite Dead-Time and Wait
Figure 16-22. PSCn behaviour versus PSCn Input A in Fault Mode 2
PSC Input A is take into account during DT0 and OT0 only. It has no effect during DT1 and OT1.
When PSCn Input A event occurs, PSC releases PSCOUTn0, jumps and executes DT1 plus
OT1 and then waits for PSC Input A inactive state.
Even if PSC Input A is released during DT1 or OT1, DT1 plus OT1 sub-cycle is always com-
pletely executed.
Figure 16-23. PSCn behaviour versus PSCn Input B in Fault Mode 2
PSC Input B is take into account during DT1 and OT1 only. It has no effect during DT0 and OT0.
When PSC Input B event occurs, PSC releases PSCOUTn1, jumps and executes DT0 plus OT0
and then waits for PSC Input B inactive state.
Even if PSC Input B is released during DT0 or OT0, DT0 plus OT0 sub-cycle is always com-
pletely executed.
PSCOUTn0
PSCOUTn1
PSC Input A
PSC Input B
DT0
OT0
DT1
OT1
DT0 OT0 DT1 OT1
DT0
OT0
DT1
OT1
PSCOUTn0
PSCOUTn1
PSC Input A
PSC Input B
DT0
OT0
DT1
OT1
DT0
OT0
DT1
OT1
DT0
OT0
DT1
OT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More