| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB1106RSVR Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB1106RSVR Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 34 page ![]() www.ti.com APPLICATION INFORMATION Test Point D.U.T. V + – 33 500 50 pF MBL142 Test Point D.U.T. MGS968 25 pF Test Point D.U.T. D+/D– 1.5 k 15 k 33 V PU(3.3) C L TUSB1105, TUSB1106 ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS SCAS818D – MAY 2006 – REVISED FEBRUARY 2008 Figure 5. Load for Enable and Disable Times A. V = 0 V for tPZH, tPHZ B. V = Vreg(3.3) for tPZL, tPLZ Figure 6. Load for VM, VP, and RCV Figure 7. Load for D+, D– A. Full-speed mode: connected to D+ B. Low-speed mode: Connected to D– C. Load capacitance: • CL = 50 pF or 125 pF (full-speed mode, minimum or maximum timing) • CL = 200 pF or 600 pF (low-speed mode, minimum or maximum timing) Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): TUSB1105 TUSB1106 |