| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB1105RTZRG4 Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1105RTZRG4 Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Jul-2010 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/ Ball Finish MSL Peak Temp (3) Samples (Requires Login) TUSB1105RGTR ACTIVE QFN RGT 16 3000 TBD Call TI Call TI Request Free Samples TUSB1105RGTRG4 ACTIVE QFN RGT 16 3000 TBD Call TI Call TI Request Free Samples TUSB1105RTZR ACTIVE WQFN RTZ 16 3000 TBD Call TI Call TI Request Free Samples TUSB1105RTZRG4 ACTIVE WQFN RTZ 16 3000 TBD Call TI Call TI Request Free Samples TUSB1106PWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples TUSB1106PWRG4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples TUSB1106RGTR ACTIVE QFN RGT 16 3000 TBD Call TI Call TI Request Free Samples TUSB1106RGTRG4 ACTIVE QFN RGT 16 3000 TBD Call TI Call TI Request Free Samples TUSB1106RSVR ACTIVE UQFN RSV 16 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples TUSB1106RSVRG4 ACTIVE UQFN RSV 16 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples TUSB1106RTZR ACTIVE WQFN RTZ 16 3000 TBD Call TI Call TI Request Free Samples TUSB1106RTZRG4 ACTIVE WQFN RTZ 16 3000 TBD Call TI Call TI Request Free Samples (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. |