| Moteur de recherche de fiches techniques de composants électroniques |
|
TL317CPWR Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL317CPWR Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 18 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TL317CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CLP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL317CLPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL317CLPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL317CLPRE3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL317CPW ACTIVE TSSOP PW 8 150 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CPWE4 ACTIVE TSSOP PW 8 150 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CPWG4 ACTIVE TSSOP PW 8 150 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CPWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CPWRE4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317CPWRG4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317PS ACTIVE SO PS 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317PSE4 ACTIVE SO PS 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317PSG4 ACTIVE SO PS 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317PSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317PSRE4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL317PSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. PACKAGE OPTION ADDENDUM www.ti.com 24-Sep-2009 Addendum-Page 1 |