| Moteur de recherche de fiches techniques de composants électroniques |
|
HC4051 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
HC4051 Fiches technique(HTML) 3 Page - ON Semiconductor |
|
3 / 16 page ![]() MC54/74HC4051 MC74HC4052 MC54/74HC4053 LOGIC DIAGRAM MC74HC4052 Double–Pole, 4–Position Plus Common Off X0 12 X1 14 X2 15 X3 11 Y0 1 Y1 5 Y2 2 Y3 4 A 10 B 9 ENABLE 6 X SWITCH Y SWITCH X 13 ANALOG INPUTS/OUTPUTS CHANNELSELECT INPUTS PIN 16 = VCC PIN 7 = VEE PIN 8 = GND COMMON OUTPUTS/INPUTS L L H H X L H L H X FUNCTION TABLE – MC74HC4052 Control Inputs ON Channels Enable Select BA X0 X1 X2 X3 L L L L H X = Don’t Care Pinout: MC74HC4052 (Top View) 15 16 14 13 12 11 10 2 1 34567 VCC 9 8 X2 X1 X X0 X3 A B Y0 Y2 Y Y3 Y1 Enable VEE GND Y 3 Y0 Y1 Y2 Y3 NONE LOGIC DIAGRAM MC54/74HC4053 Triple Single–Pole, Double–Position Plus Common Off X0 12 X1 13 A 11 B 10 C 9 ENABLE 6 X SWITCH Y SWITCH X 14 ANALOG INPUTS/OUTPUTS CHANNELSELECT INPUTS PIN 16 = VCC PIN 7 = VEE PIN 8 = GND COMMON OUTPUTS/INPUTS L L L L H H H H X L L H H L L H H X L H L H L H L H X FUNCTION TABLE – MC54/74HC4053 Control Inputs ON Channels Enable Select CBA L L L L L L L L H X = Don’t Care Pinout: MC54/74HC4053 (Top View) 15 16 14 13 12 11 10 2 1 3 4567 VCC 9 8 Y X X1 X0 A B C Y1 Y0 Z1 Z Z0 Enable VEE GND Z0 Z0 Z0 Z0 Z1 Z1 Z1 Z1 Y0 Y0 Y1 Y1 Y0 Y0 Y1 Y1 X0 X1 X0 X1 X0 X1 X0 X1 NONE Y0 2 Y1 1 Y 15 Z0 5 Z1 3 Z 4 Z SWITCH NOTE: This device allows independent control of each switch. Channel–Select Input A controls the X–Switch, Input B controls the Y–Switch and Input C controls the Z–Switch |