Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0907793003 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 0907793003
Description  1.27mm (.050") Pitch Picoflex PF-50 Header, Vertical, Low Profile, High Temperature Surface Mount Compatible
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0907793003 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  0907793003 Datasheet HTML 1Page - Molex Electronics Ltd. 0907793003 Datasheet HTML 2Page - Molex Electronics Ltd. 0907793003 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
230
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0011
Sales Drawing
SDA-90779
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3