| Moteur de recherche de fiches techniques de composants électroniques |
|
APP-SERIAL Fiches technique(PDF) 2 Page - Molex Electronics Ltd. |
|
|
|||||||||||||||||||||||||||||
APP-SERIAL Fiches technique(HTML) 2 Page - Molex Electronics Ltd. |
|
2 / 6 page ![]() Features • NEW! PCI Express form factor • 1, 2 or 4 Serial ports • Large choice of Serial protocols, all included in the package. • Certified with more than 50 SCADA/HMI packages • On-board processor eliminates data bottle necks, ensuring delivery of time critical information • Electrical Interfaces available: RS232C RS485 / RS422 Current Loop Profibus RS485 all with or without galvanic insulation (opto couplers) • Speed: 50 to 38.400 Kbps • Embedded Database (32 Kwords + 32 Kbits) • Gateway feature with PCI4000 Serial Serial Serial Profibus • Complete and user-friendly package: All components in the box software+hardware 2 years of hardware warranty Local technical support with worldwide representation 1 driver / 1 configuration tool for all protocols Graphical User Interface Supported OS Standard package • Windows 32-bit (Vista / XP / 2003 Server) Free Download • Windows XP Embedded, VenturCom RTX, VxWorks, QNX, Linux, DOS applicom ® PCI4000 card (RoHS) applicom ® PCI2000 card applicom ® PCU1000 card (RoHS + 3.3V) Serial Network Interface Cards Best choice for SCADA/HMI applications Overview applicom ® is a range of intelligent communication solutions, complete and ready to use covering more than 40 protocols among a wide choice of industrial networks and fieldbuses: Ethernet TCP/IP, Profibus, Modbus Plus, Data Highway Plus, WorldFIP and Serial Links. These solutions connect your PC-based applications (HMI, SCADA, MES, Custom applications) to industrial equipment (programmable controller, I/O modules, devices...). Thanks to applicom ® smart technology - built-in processor, each interface card is able to execute all management and the processing (polling, frame management, etc.) of communications protocols, resulting in extremely fast, efficient application performance. The applicom ® software package includes: Graphical configuration software. Test and network diagnostic tools. Data servers OPC DA v1.0a, v2.05 and v3.0 (including an OPC client with its source code) Wonderware I/O Server (DAServer, DDE, FastDDE, SuiteLink) Development libraries DLL Library MS Visual Studio (.NET/C#/VB/C++/C), Borland Delphi National Instruments (LabWindows CVI, LabVIEW/VI) - Configuration Software - - OPC Server - These network interface cards allow connecting your computer to Serial Industrial Networks. BradCommunications™ applicom® is the easiest and trouble free solution to quickly connect your visualization application to the industrial world. |