Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5F429PX02-LAB0 Fiches technique(PDF) 7 Page - Samsung semiconductor

No de pièce S5F429PX02-LAB0
Description  1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F429PX02-LAB0 Fiches technique(HTML) 7 Page - Samsung semiconductor

Back Button S5F429PX02-LAB0 Datasheet HTML 3Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 4Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 5Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 6Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 7Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 8Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 9Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 10Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02
7
CLOCK EQUIVALENT CIRCUIT CONSTANT
Table 5. Clock Equivalent Circuit Constant
Item
Symbol
twh
twl
tr
tf
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Read-out clock
Φ
VH
2.5
0.5
0.5
µs
Vertical clock
Φ
V1, ΦV2
Φ
V3, ΦV4
15
250
ns
Horizontal clock
ΦH1
41
46
41
46
6.5
9.5
6.5
9.5
ns
ΦH2
41
46
41
46
6.5
9.5
6.5
9.5
ns
Reset clock
ΦRG
11
14
76
80
6.0
5.0
ns
Substrate clock
ΦSUB
1.5
2.0
0.5
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18