| Moteur de recherche de fiches techniques de composants électroniques |
|
KM416RD8ACD-RK70 Fiches technique(PDF) 10 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KM416RD8ACD-RK70 Fiches technique(HTML) 10 Page - Samsung semiconductor |
|
10 / 64 page ![]() Page 7 KM416RD8AC(D)/KM418RD8AC(D) Direct RDRAM™ Rev. 1.01 Oct. 1999 Figure 3: Packet Formats CTM/CFM COL4 COL3 COL2 COL1 COL0 T8 T9 T10 T11 T12 T13 T14 T15 T8 T9 T10 T11 T0 T1 T2 T3 T0 T1 T2 T3 S=1a MA7 MA5 MA3 MA1 M=1 MA6 MA4 MA2 MA0 MB7 MB4 MB1 MB6 MB3 MB0 MB5 MB2 R2 CTM/CFM ROW2 DR4T DR2 BR0 BR3 RsvR R8 R5 ROW1 DR4F DR1 BR1 BR4 RsvR R7 R4 R1 ROW0 DR3 DR0 BR2 RsvB AV=1 R6 R3 R0 ACT a0 PREX d0 MSK (b1) PRER c0 WR b1 C4 CTM/CFM COL4 DC4 S=1 RsvC COL3 DC3 C5 C3 COL2 DC2 COP1 RsvB BC2 C2 DC1 COP0 BC4 BC1 C1 DC0 COP2 COP3 BC3 BC0 C0 COL1 COL0 CTM/CFM ROW2 ROW1 ROW0 CTM/CFM COL4 COL3 COL2 COL1 COL0 ROP2 DR4T DR2 BR0 BR3 ROP10 ROP8 ROP5 DR4F DR1 BR1 BR4 ROP9 ROP7 ROP4 ROP1 DR3 DR0 BR2 RsvB AV=0 ROP6 ROP3 ROP0 S=1b DX4 XOP4 RsvB BX1 M=0 DX3 XOP3 BX4 BX0 DX2 XOP2 BX3 DX1 XOP1 BX2 DX0 XOP0 T0 T4 T8 T12 T1 T5 T9 T13 T2 T6 T10 T14 T3 T7 T11 T15 ROWA Packet COLM Packet COLC Packet COLX Packet ROWR Packet CTM/CFM DQA8..0 DQB8..0 COL4 ..COL0 ROW2 ..ROW0 tPACKET a The COLM is associated with a previous COLC, and is aligned with the present COLC, indicated by the Start bit (S=1) position. b The COLX is aligned with the present COLC, indicated by the Start bit (S=1) position. |