Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM-B2500-R963 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce MM-B2500-R963
Description  2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits,with 64 Contacts Loaded, 0.76關m (30關") Gold (Au) Selective, Lead Free
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX5 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B2500-R963 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  MM-B2500-R963 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Material Info
Old Part Number
MM-B2500-R963
Reference - Drawing Numbers
Product Specification
PS-36509-001
Sales Drawing
SD-36509-002
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4