Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAN2202 Fiches technique(PDF) 4 Page - Sames

No de pièce SAN2202
Description  SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMES [Sames]
Site Internet  http://www.sames.co.za
Logo SAMES - Sames

SAN2202 Fiches technique(HTML) 4 Page - Sames

  SAN2202 Datasheet HTML 1Page - Sames SAN2202 Datasheet HTML 2Page - Sames SAN2202 Datasheet HTML 3Page - Sames SAN2202 Datasheet HTML 4Page - Sames SAN2202 Datasheet HTML 5Page - Sames SAN2202 Datasheet HTML 6Page - Sames SAN2202 Datasheet HTML 7Page - Sames SAN2202 Datasheet HTML 8Page - Sames SAN2202 Datasheet HTML 9Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SAN2202
4/9
sames
sames
sames
sames
Fig. 1 shows the block diagram of the speech paths: the transmitted signal is fed to the line via the 2-4 wire
interface and the receive signal coming from line is fed to the Rx amplifier. The same Rx signal passes an
attenuator for volume control and is then amplified by the loudspeaker amplifier.
Transmit path
Receive path
manual volume control
LS
Amplfier
TX
Amplfier
RX
Amplfier
2-4
wire
interface
Z ACr
Line
Fig. 1: speakerphone block diagram
6.1 how to avoid howling
As can be seen on Fig.1, there is an acoustic loop from
loudspeaker
⇒ acoustic feedback (determined by the mechanical distance between loudspeaker and handset
microphone
⇒ Tx amplifier ⇒ sidetone ⇒ LS amplifier.
Howling will occur, when the total loop gain is
≥1 ( equal to ≥ 0dB) . Therefore the following conditions will have an
effect in loop gain:
Parameter:
measure to reduce
howling
Note:
Transmit gain
reduce gain
must meet the SLR limits
Sidetone
increase sidetone
cancellation
can be done by optimizing the sidetone network, the
better the sidetone cancellation, the more gain can be
given to the loudspeaker
Loudspeaker volume
decrease loudspeaker
volume
for good performance, a maximum of loudspeaker
volume is desirable, therefore this should be the least
step
Loudspeaker
frequency response
limit bandwidth
howling will occur with the frequency of the highest
amplification. Therefore the frequency response curve
should be as flat as possible and limited to the speech
band (
≈ 300..3400Hz)
acoustic coupling
between
loudspeaker and
handset microphone
increase distance between
loudspeaker and handset
microphone
In normal operation, the distance can be down to a
few centimeters, when the handset is put onto or off
the cradle. The loop should be adjusted such that in
normal speech mode there is no howling at distances
>5..10 cm. Additionally, the loudspeaker can be
mounted away from the handset microphone position,
like on the side or on the rear, if possible.
6 Block diagram



Html Pages

1 2 3 4 5 6 7 8 9