Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA9604APA Fiches technique(PDF) 18 Page - Sames

No de pièce SA9604APA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMES [Sames]
Site Internet  http://www.sames.co.za
Logo SAMES - Sames

SA9604APA Fiches technique(HTML) 18 Page - Sames

Back Button SA9604APA Datasheet HTML 12Page - Sames SA9604APA Datasheet HTML 13Page - Sames SA9604APA Datasheet HTML 14Page - Sames SA9604APA Datasheet HTML 15Page - Sames SA9604APA Datasheet HTML 16Page - Sames SA9604APA Datasheet HTML 17Page - Sames SA9604APA Datasheet HTML 18Page - Sames SA9604APA Datasheet HTML 19Page - Sames SA9604APA Datasheet HTML 20Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SA9604A
sames
18/20
Note 1:
Resistor (R
8, R9, R10, R11, R12 and R13) values are dependant upon the
selected value of the current transformer termination resistors R
18, R19
and R
20.
Note 2:
Capacitor values may be selected to compensate for phase errors caused
by the current transformers.
Note 3:
Capacitor (C12) to be positioned as close to Supply Pins (V
DD & VSS) of
IC-1, as possible
ORDERING INFORMATION
Part Number
Package
SA9604APA
DIP-20
SA9604ASA
SOIC-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20