| Moteur de recherche de fiches techniques de composants électroniques |
|
SA589 Fiches technique(PDF) 4 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA589 Fiches technique(HTML) 4 Page - Sames |
|
4 / 14 page ![]() SA589 FAMILY sames 4/14 COL COL COL COL COL COL COL 12 3 4 5 6 7 ROW 1 1 2 3 TBR S01 S02 S03 ROW2 4 5 6 REDIAL S04 S05 S06 ROW3 7 8 9 STORE S07 S08 S09 ROW4 * 0 # SHIFT S00 LNR ROW5 S11 S12 S13 ROW6 S10 S14 S15 S16 ROW7 S17 S18 S19 Fig. 2a Versions without TONE key * or */# are used to change from LD to DTMF dialling and are available as digits when in DTMF mode. TBR: Timed Break Recall (Flash). STORE: Memory Programming key. Use in conjunction with dedicated memory keys or a two-digit code representing the number of the memory to be programmed S00-S19: 'Single touch' dedicated memory dialling keys LNR: Last Number Redial REDIAL and SHIFT: These keys are clearly unnecessary where keypad positions are provided for all the dedicated memory keys but may be useful to access memories in applications where the telephone provides insufficient keys for all these functions. For a description of the function of the REDIALand SHIFT keys, see the SA585 and SA587 data sheets, respectively. Do not fir keys in these positions if not required. PAUSE/CONT: Insert pause in memory/continue dialling TONE: Change dialling mode from LD to DTMF COL COL COL COL COL COL COL 12 3 4 5 6 7 ROW 1 1 2 3 TBR S01 S02 S03 ROW2 4 5 6 REDIAL S04 S05 S06 ROW3 7 8 9 STORE S07 S08 S09 ROW4 * 0 # TONE SHIFT S00 LNR ROW5 S11 S12 S13 ROW6 S10 S14 S15 S16 ROW7 S17 S18 S19 Fig. 2b Versions with TONE key Fig. 2 Keypad layout and connections PAUSE/ CONT |