Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA2002 Fiches technique(PDF) 7 Page - Sames

No de pièce SA2002
Description  Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMES [Sames]
Site Internet  http://www.sames.co.za
Logo SAMES - Sames

SA2002 Fiches technique(HTML) 7 Page - Sames

Back Button SA2002 Datasheet HTML 3Page - Sames SA2002 Datasheet HTML 4Page - Sames SA2002 Datasheet HTML 5Page - Sames SA2002 Datasheet HTML 6Page - Sames SA2002 Datasheet HTML 7Page - Sames SA2002 Datasheet HTML 8Page - Sames SA2002 Datasheet HTML 9Page - Sames SA2002 Datasheet HTML 10Page - Sames SA2002 Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
sames
sames
SA2002H
7/12
http://www.sames.co.za
Direction indication (DIRO)
Note that the DIR output is not available in the DIP-8 package
type. Figure 9 shows the behavior of DIR, when energy
reversal takes place. The time period for the DIR signal to
change state, t , is the time it takes for the internal integrator
DIR
to count (down) from its present value to zero. Thus the energy
consumption rate determines the speed of change on DIR.
DR-01283
DIR
V
I
DIR
t
t
t
t
Figure 9: Measured energy direction on DIR
Mains zero crossing indication (FMO)
Note that the FMO output is not available in the DIP-8 package
type. The square wave signal of FMO indicates the polarity of
the mains voltage. Due to comparator offsets, the FMO low to
high transition can occur within a range as shown in figure 10.
The time between successive low to high transitions will be
equal to the mains voltage period.
Figure 10: Mains zero crossings on FMO
DR-01284
FMO
MAINS
t
V
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12