Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN5VM111C Fiches technique(PDF) 23 Page - RICOH electronics devices division

No de pièce RN5VM111C
Description  Li-lon BATTERY PROTECTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VM111C Fiches technique(HTML) 23 Page - RICOH electronics devices division

Back Button RN5VM111C Datasheet HTML 17Page - RICOH electronics devices division RN5VM111C Datasheet HTML 18Page - RICOH electronics devices division RN5VM111C Datasheet HTML 19Page - RICOH electronics devices division RN5VM111C Datasheet HTML 20Page - RICOH electronics devices division RN5VM111C Datasheet HTML 21Page - RICOH electronics devices division RN5VM111C Datasheet HTML 22Page - RICOH electronics devices division RN5VM111C Datasheet HTML 23Page - RICOH electronics devices division RN5VM111C Datasheet HTML 24Page - RICOH electronics devices division RN5VM111C Datasheet HTML 25Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
19
RN5VM1
××C/D
TYPICAL APPLICATION
3
4
1
2
5
6
+
RN5VM1
×××
1k
R2
C2
100
R1
0.1µF
VDD
V-
DOUT
COUT
Vss
Ct
C1
C3
0.1µF
0.01µF
NOTE ON EXTERNAL COMPONENTS
•R1 and C1 will stabilize a supply voltage to the RN5VM. A recommended R1 value is less than 1k
Ω.
A larger value of R1 leads higher detection voltage, makes some errors, because of shoot through current
flowed in the RN5VM.
•R2 and C2 will stabilize a V- pin voltage. The resetting from over-discharge with connecting charger possibly
be disabled by larger value of R2. Recommended value is less than 1k
Ω.
After an over-charge detection, a system may not draw load current when a battery pack is connected to it in
the C version with R2 and C2 time constants at relatively larger settings.
Recommended C2 value is less than 1µF.
•R1 and R2 can operate as a current limiter against setting cell reverse direction or for applying excess
charging voltage to the 5VM. While smaller R1 and R2 may cause an over power dissipation rating of the
RN5VM and a total of “R1+R2” should be more than 1k
Ω.
•The time constants R1
×C1 or R2×C2 must have a relations as below:
R1
×C1≤R2×C2
Because in case that R1
×C1, time constant for VDD pin, would be larger than R2×C2, time constant for V- pin,
then the RN5VM might be into a standby mode after detecting excess current or short circuit current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com