| Moteur de recherche de fiches techniques de composants électroniques |
|
BH7634AS Fiches technique(PDF) 9 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BH7634AS Fiches technique(HTML) 9 Page - Rohm |
|
9 / 12 page ![]() 9 Multimedia ICs BH7634AS S 1 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 000000 0000010 MSB MSB S SLAVE ADDRESS : : A DATA1 , 2 : : LSB MSB LSB LSB SLAVE ADDRESS A DATA1 A DATA2 A P I 2C BUS format Start condition Slave address Confirmation response clock pulse Data byte 1st byte 2nd byte •I2C BUS control input D9 SELECT H L A B SW1 D8 SELECT H L A HA LB C D7 H L H L SW2 D6 SELECT H L A HA LB C D5 H L H L SW3 D4 FSC OUT H L LOW H MIDDLE L HIGH HIGH D3 H L H L FSCOUT control D1 AUX CTL1 OUT H L HIGH LOW External control 1 D0 AUX CTL2 OUT H L HIGH LOW External control 2 D2 MUTE H L MUTE NORMAL MUTE control •Switch input and mode selection Note: When D2 is HIGH, only the audio switches are muted. |