| Moteur de recherche de fiches techniques de composants électroniques |
|
BH6512FS Fiches technique(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BH6512FS Fiches technique(HTML) 1 Page - Rohm |
|
1 / 6 page ![]() 695 Optical disc ICs 4-channel PWM driver for CD and MD use BH6512FS / BH6513FS The BH6512FS / BH6513FS are 4-channel PWM drivers for driving the motors and actuators in CD and MD players. MOSFET output stages are employed to keep power consumption down, and a charge pump circuit is included to multi- ply the VG voltage. FApplications CD and MD players (portable units) FFeatures 1) Four power MOS H-bridges. 2) Charge pump ( 3). 3) PWM input. 4) Low on-resistance. 5) Low power consumption. 6) Compact SSOP-A32 package. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Numéro de pièce similaire - BH6512FS |
|
Description similaire - BH6512FS |