| Moteur de recherche de fiches techniques de composants électroniques |
|
BA7787FS Fiches technique(PDF) 13 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA7787FS Fiches technique(HTML) 13 Page - Rohm |
|
13 / 24 page ![]() 13 Multimedia ICs BA7786FP-Y / BA7787FS HP VCC SP VCC HP SUSPEND SP SUSPEND 1 2 3 4 5 20 19 18 17 16 6 7 8 9 10 15 14 13 12 11 HP VCC HP GND SP VCC 100 HP JACK 100 390k 8 Ω SP SP GND EVR CTRL MUTE CTRL LINE IN R LINE IN L SYSTEM BEEP IN 27k 27k 15k 18k 15k 33k VR VCC PM BEEP IN HP SUSPEND SP SUSPEND BIAS ∗ is for mixing input Fig.4 VR VR ∗ ∗ ∗ + + + + + BA7787FS Pin No. TERMINAL NAME FUNCTION L H TERMINAL FORM 3 9 10 12 MUTE CTRL HP SUSPEND SP SUSPEND LINE MIX ON / OFF HP MUTE ON HP OPERATED SP OPERATED LINE MIX OFF HP MUTE OFF HP SUSPENDED LINE MIX ON SP SUSPENDED 100k PULL UP PNP BASE PNP BASE 100k PULL UP |