| Moteur de recherche de fiches techniques de composants électroniques |
|
BA7746FS Fiches technique(PDF) 12 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA7746FS Fiches technique(HTML) 12 Page - Rohm |
|
12 / 12 page ![]() 12 Video ICs BA7746S / BA7746FS (2) REC amplifier The REC amplifier in this IC is for FM audio. Take note of the following points in order to maintain its common- mode distortion characteristics. 1)Connect the REC AGC FILTER (pin 13) and CUR- RENT SENSE (pin 14) to the main GND of the IC (pin 16) using leads that are as short as possible. 2)REC NF (pin 11) should be as close to the main IC GND as possible. 3)If you connect a resistor to pin 23 or between pins 24 and 15 to monitor the recording current, the result- ing voltage drop may cause the IC to function incorrect- ly. Use the current sense pin (pin 14) to monitor the recording current. •External dimensions (Units: mm) SSOP-A24 SDIP24 0.3 ± 0.1 7.62 22.9 ± 0.3 0.5 ± 0.1 1.778 13 12 24 1 0 ° ~ 15° BA7746S BA7746FS 0.15 0.3Min. 1 24 0.36 ± 0.1 10.0 ± 0.2 12 13 0.8 |