Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA7725FS Fiches technique(PDF) 4 Page - Rohm

No de pièce BA7725FS
Description  Analog compander for KARAOKE echo systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA7725FS Fiches technique(HTML) 4 Page - Rohm

  BA7725FS Datasheet HTML 1Page - Rohm BA7725FS Datasheet HTML 2Page - Rohm BA7725FS Datasheet HTML 3Page - Rohm BA7725FS Datasheet HTML 4Page - Rohm BA7725FS Datasheet HTML 5Page - Rohm BA7725FS Datasheet HTML 6Page - Rohm BA7725FS Datasheet HTML 7Page - Rohm BA7725FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Multimedia ICs
BA7725S / BA7725FS
•Input / output circuits
Pin name
Pin No.
Equivalent circuit
ECHO LEVEL
CTRL
4
LOOP GAIN
CTRL
6
Note: The BA7725FS is mounted on a 20-pin SSOP-A package with a different pin number than the BA7725S.
On the BA7725FS, the ECHO LEVEL CTRL pin is pin 3, and the LOOP GAIN CTRL pin is pin 5.
4
6



Html Pages

1 2 3 4 5 6 7 8