Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6859AFP Fiches technique(PDF) 1 Page - Rohm

No de pièce BA6859AFP
Description  Three-phase motor driver for CD-ROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6859AFP Fiches technique(HTML) 1 Page - Rohm

  BA6859AFP Datasheet HTML 1Page - Rohm BA6859AFP Datasheet HTML 2Page - Rohm BA6859AFP Datasheet HTML 3Page - Rohm BA6859AFP Datasheet HTML 4Page - Rohm BA6859AFP Datasheet HTML 5Page - Rohm BA6859AFP Datasheet HTML 6Page - Rohm BA6859AFP Datasheet HTML 7Page - Rohm BA6859AFP Datasheet HTML 8Page - Rohm BA6859AFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
848
Motor driver ICs
Three-phase motor driver for
CD-ROMs
BA6858AFP / BA6858AFM / BA6859AFP /
BA6859AFP-Y / BA6859AFM / BA6859AFS
The BA6858A and BA6859A series are ICs developed for CD-ROM spindle motor drives. In addition to the functions
of the BA6849 series, (short brake, reverse-rotation prevention circuit, rotation direction dector, and FG output), the
BA6858A and BA6859A series have a built-in brake mode switching pin. With torque command input, these series are
compatible with the DSP3.3V. In addition, the BA6858A series has an FG composite output.
FApplications
CD-ROM, CD-R, CD-RW, DVD-ROM, and DVD-RAM
FFeatures
1) Three-phase, pseudo-linear drive system.
2) Built-in power save and thermal shutdown functions.
3) Built-in current limiter and Hall bias circuits.
4) Built-in FG output.
5) Built-in rotation direction detector.
6) Built-in reverse rotation prevention circuit.
7) Built-in short brake pin.
8) Built-in brake mode switching pin.
9) DSP3.3V compatible.
FAbsolute maximum ratings (Ta = 25_C)


Numéro de pièce similaire - BA6859AFP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
273Kb / 6P
3-Phase spindle motor driver
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
537Kb / 18P
1ch Spindle Motor Driver ICs
BA6859AFP-Y ROHM-BA6859AFP-Y_10 Datasheet
537Kb / 18P
1ch Spindle Motor Driver ICs
More results

Description similaire - BA6859AFP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
BTL driver for CD-ROMs
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
Motor driver for CD-ROMs
BA6848FP ROHM-BA6848FP Datasheet
155Kb / 11P
3-phase motor driver for CD-ROMs
BA6849FP ROHM-BA6849FP Datasheet
178Kb / 12P
3-phase motor driver for CD-ROMs
BD6660FV ROHM-BD6660FV Datasheet
144Kb / 12P
3-phase motor driver for CD-ROMs
logo
Sanyo Semicon Device
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
3-Phase Motor Driver for CD-ROMs
logo
Unisonic Technologies
UTCA9849 UTC-UTCA9849 Datasheet
148Kb / 11P
3-phase motor driver for CD-ROMs
UA9849 UTC-UA9849 Datasheet
188Kb / 11P
3-PHASE MOTOR DRIVER FOR CD-ROMS
UA9849 UTC-UA9849_15 Datasheet
199Kb / 12P
3-PHASE MOTOR DRIVER FOR CD-ROMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15