| Moteur de recherche de fiches techniques de composants électroniques |
|
BA6858AFP Fiches technique(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6858AFP Fiches technique(HTML) 1 Page - Rohm |
|
1 / 15 page ![]() 848 Motor driver ICs Three-phase motor driver for CD-ROMs BA6858AFP / BA6858AFM / BA6859AFP / BA6859AFP-Y / BA6859AFM / BA6859AFS The BA6858A and BA6859A series are ICs developed for CD-ROM spindle motor drives. In addition to the functions of the BA6849 series, (short brake, reverse-rotation prevention circuit, rotation direction dector, and FG output), the BA6858A and BA6859A series have a built-in brake mode switching pin. With torque command input, these series are compatible with the DSP3.3V. In addition, the BA6858A series has an FG composite output. FApplications CD-ROM, CD-R, CD-RW, DVD-ROM, and DVD-RAM FFeatures 1) Three-phase, pseudo-linear drive system. 2) Built-in power save and thermal shutdown functions. 3) Built-in current limiter and Hall bias circuits. 4) Built-in FG output. 5) Built-in rotation direction detector. 6) Built-in reverse rotation prevention circuit. 7) Built-in short brake pin. 8) Built-in brake mode switching pin. 9) DSP3.3V compatible. FAbsolute maximum ratings (Ta = 25_C) |
Numéro de pièce similaire - BA6858AFP |
|
Description similaire - BA6858AFP |