| Moteur de recherche de fiches techniques de composants électroniques |
|
BA6832FS Fiches technique(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6832FS Fiches technique(HTML) 1 Page - Rohm |
|
1 / 8 page ![]() 509 Motor driver ICs Voice coil motor driver BA6832FS The BA6832FS is a voice coil motor driver used for moving the heads of hard disc and mass-storage floppy disc drives. FApplications HDD disc and mass-storage FDD FFeatures 1) Output current is controlled by the Vctl-Vref voltage. 2) Retraction control pin. 3) Chip enabling pin. 4) Internal thermal shutdown circuit. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions |
Numéro de pièce similaire - BA6832FS |
|
Description similaire - BA6832FS |