Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6402F Fiches technique(PDF) 3 Page - Rohm

No de pièce BA6402F
Description  2-phase half-wave motor predriver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6402F Fiches technique(HTML) 3 Page - Rohm

  BA6402F Datasheet HTML 1Page - Rohm BA6402F Datasheet HTML 2Page - Rohm BA6402F Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
691
Motor driver ICs
BA6402F
(3)
Power dissipation
The power consumed in the IC can be calculated from
the following equation :
(1) PC1 is power consumed by the circuit current.
PC1=VCC
ICC
(2) PC2 is power consumed by the Hall current (pin 3).
PC2=I3
V3
where V3=pin 3 voltage. Connecting a resistor between
the VCC pin and pin 3 effectively reduces the IC current
consumption.
(3) PC3 is power consumed by the output current.
PC3=(VCC
*VOH) IO
VOH is the HIGH level voltage of pins 7 and 8. Power con-
sumption can be reduced by raising the hFE-rank of the
external output transistor and thereby reducing the IO val-
ue. Make sure that your application does not exceed the
allowable power dissipation of the IC.
(4) Restarting when motor is locked
The outputs are turned OFF if the motor is stopped for
some reason. To restart the motor from this situation, turn
off the power first, fully discharge the pin 6 capacitor next,
and then turn on the power again.
FElectrical characteristic curve
FExternal dimensions (Units: mm)
n=1
PC=
ΣPCn
3



Html Pages

1 2 3