| Moteur de recherche de fiches techniques de composants électroniques |
|
BA6297AFP Fiches technique(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6297AFP Fiches technique(HTML) 1 Page - Rohm |
|
1 / 6 page ![]() 318 Optical disc ICs 4-channel BTL driver for CD players BA6297AFP The BA6297AFP is a 4-channel BTL driver for CD player actuators and motors. The preamplifier has both positive and negative input pins and output pins, making this IC suited to a broad range of applications. FApplications CD players FFeatures 1) 4-channel BTL driver. 2) HSOP 28-pin package allows for miniaturization of applications. 3) Internal thermal shutdown. 4) Driver gain is adjustable with a single attached resis- tor. 5) Both positive and negative input pins, for adaptability for a wide range of inputs (including negative phase input). FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Numéro de pièce similaire - BA6297AFP |
|
Description similaire - BA6297AFP |