| Moteur de recherche de fiches techniques de composants électroniques |
|
BA6285FS Fiches technique(PDF) 7 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6285FS Fiches technique(HTML) 7 Page - Rohm |
|
7 / 9 page ![]() 429 Motor driver ICs BA6285FS / BA6285FP (4) Thermal shutdown circuit When the thermal shutdown circuit is activated at the chip temperature of about 175 _C (typical), the outputs are left OPEN. The temperature difference between the activation and deactivation settings is about 15 _C. When the thermal shutdown circuit is deactivated, the outputs revert to the status determined by input mode. FInput / output truth table FApplication examples BA6285FS BA6285FP FOperation notes (1) The quality of these products have been carefully checked; however, use of the products with applied volt- ages, operating temperatures, or other parameters that exceed the absolute maximum rating given may result in the damage of the IC and the product it is used in. If the IC is damaged, the short mode and open modes cannot be specified, so if the IC is to be used in applications where parameters may exceed the absolute maximum ratings, then be sure to incorporate fuses, or other physi- cal safety measures. (2) GND potential The potential for pin 1 must be kept lower than the poten- tials of the other pins regardless of the circumstances. (3) Input pins Voltage should never be applied to the input pins when the VCC voltage is not applied to the IC. Similarly, when VCC is applied, the voltage on each input pin should be less than VCC and within the guaranteed range for the electrical characteristics. (4) Back-rush voltage Depending on the ambient conditions, environment, or motor characteristics, the back-rush voltage may fluctu- ate. Be sure to confirm that the back-rush voltage will not adversely affect the operation of the IC. |