| Moteur de recherche de fiches techniques de composants électroniques |
|
BA5937AFP Fiches technique(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA5937AFP Fiches technique(HTML) 1 Page - Rohm |
|
1 / 9 page ![]() 632 Optical disc ICs 4-channel BTL driver for CD players BA5937AFP The BA5937AFP is a 4-channel BTL driver developed for use with CD players. In addition to internal drivers for the focus coil, tracking coil, and sled motor, it also contains a driver for the loading motor. FApplications CD-ROM, CD players FFeatures 1) Perfect for compact applications with the use of the HSOP 28-pin power package. 2) Internal thermal shutdown circuit. 3) Gain is adjustable with externally connected resistor. (For channels 1, 3, and 4.) 4) External mute pin enables the muting of the output current for channels 1 and 4. 5) Power supply is divided into three systems (VCC1 = ch1 and ch4, VCC2 = ch2 and current source, VCC3 = ch3). FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Numéro de pièce similaire - BA5937AFP |
|
Description similaire - BA5937AFP |