| Moteur de recherche de fiches techniques de composants électroniques |
|
BA3575FS Fiches technique(PDF) 11 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA3575FS Fiches technique(HTML) 11 Page - Rohm |
|
11 / 13 page ![]() 881 Audio ICs BA3575FS FApplication notes (1) “Pop” sound By operating the BA3575FS according to the timing chart shown in Fig.3, it is possible to suppress generation of “pop” noise in the headphone output. (2) Application circuits Provided the recommended circuit constants are used, the application circuits should function correctly. Howev- er, we recommend that you confirm the characteristics of the circuits in actual use. If you change the circuit constants, check both the static and transient character- istics of the circuit, and allow sufficient margin to accom- modate variations between both ICs and external com- ponents. In particular, the capacitors connected to the OUT 1, OUT 2, and VREF pins must have low impedance at high frequency, and have sufficient margin in their tempera- ture characteristics. Also, use an electrolytic or tantalum capacitor for the ca- pacitor connected to the BIASOUT terminal. (3) The PCB pattern for the external components should be designed carefully to prevent oscillation and degradation of the circuit characteristics. Keep the wiring tracks as short as possible, and ensure that there is no impedance between the common connections. The ripple filter pins (1 and 2) and the bias amplifier pins (3 and 4) cannot be used for external power supplies or reference voltages. |