Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA3570FS Fiches technique(PDF) 7 Page - Rohm

No de pièce BA3570FS
Description  ALS headphone driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA3570FS Fiches technique(HTML) 7 Page - Rohm

Back Button BA3570FS Datasheet HTML 2Page - Rohm BA3570FS Datasheet HTML 3Page - Rohm BA3570FS Datasheet HTML 4Page - Rohm BA3570FS Datasheet HTML 5Page - Rohm BA3570FS Datasheet HTML 6Page - Rohm BA3570FS Datasheet HTML 7Page - Rohm BA3570FS Datasheet HTML 8Page - Rohm BA3570FS Datasheet HTML 9Page - Rohm BA3570FS Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
560
Audio ICs
BA3570F / BA3570FS
FExplanation of ALS operation and attached compo-
nents
(1)
ALS system control circuit
The ALS system control circuit is shown in Fig. 9.
S ALS mode switching table
S ALS SW τ external connection value: C13
By increasing the capacitance of C13, the switching
sound made when ALS is turned on or off can be re-
duced, however, the switching time will increase. Set the
value appropriately for the application.
S ALSτ external connection value: C14
The ALC attack and recovery time for ALS is determined
by C14 connected to the
τ pin (Pin 9).
FMute amplifier (pin numbers are for 22-pin BA3570F)
The output muting can be switched on or off.
FMute switching table
FMUTE SWτ external connection value: C8
By increasing the capacitance of C8, the switching
sound made when the mute is turned on or off can be
reduced, however, the switching time will increase. Set
the value appropriately for the application.



Html Pages

1 2 3 4 5 6 7 8 9 10