| Moteur de recherche de fiches techniques de composants électroniques |
|
M1520P-R5725-HC Fiches technique(PDF) 1 Page - GSI Group, Inc. |
|
|
|||||||||||||||||||||||||||||
M1520P-R5725-HC Fiches technique(HTML) 1 Page - GSI Group, Inc. |
|
1 / 6 page ![]() Optional features • Glass scale length or diameter: Linear lengths from 5mm to 2m Rotary diameters from 12mm to 108mm Sensor the size of a Dime Resolution Factory Set: x4, x8, x20, or x40 Linear: 5μm, 2.5μm, 1.0μm, or 0.50μm Rotary: 6,600 to 655,000 CPR Accuracy Linear: ± 1μm available ± 3μm to ± 5μm standard Rotary: Up to ± 2.1 arc-sec Output A-quad-B and Digital Index Window Mercury TM 1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50μm Reflective Linear and Rotary Encoders Imagine what you can do with this! OEMs can now use encoders for closed loop control where it was previously not possible or cost effective. Engineers can achieve dramatic improvements in system speed, throughput, and reliability, while reducing cost, size and weight. The Mercury 1500P series kit encoders make it all possible. The digital output sensors mount directly on your printed circuit board within an EMI shielded module. The low Z height of the sensor, only 5.6mm, opens up exciting design possibilities. The Mercury 1500P encoder is a digital output system. Designed for PC board mounting, it is available with linear or rotary scales. Mercury’s space-saving, integrated configuration gives OEM system designers a breakthrough in performance. Standard Features • Small PCB mount sensor • Sensor is 5.6mm (H) x 12.7mm (W) x 15.2mm (L) and weighs 2.6g • Resolution: Linear 5, 2.5, 1.0, 0.5µm; Rotary 6,600 to 655,000 CPR • Digital Differential Outputs: A-quad-B and Index window • Bi-directional Index window signal • Index mark at the center or end of the glass scale (linear) Table of Contents System & Sensor pg . 2 Specifications pg 3 -4 Scales pg . 5 - 6 O rdering Information pg. 6 |
Numéro de pièce similaire - M1520P-R5725-HC |
|
Description similaire - M1520P-R5725-HC |