| Moteur de recherche de fiches techniques de composants électroniques |
|
SC622 Fiches technique(PDF) 19 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC622 Fiches technique(HTML) 19 Page - Semtech Corporation |
|
19 / 21 page ![]() SC622 19 SemWire Interface (continued) Single Write Operation Device Disabled Device Enabled Into Sleep Resume Sleep if all LEDs are off Device Disabled when low for tDIS Start A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 t > tEN Data Sample OSC On Register Address t > DDL t > tDIS 5 high bits Min. Concatenated Write Operation Start A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 Start t > DDL Sample OSC On (Repeated) OSC On Sample Register Address Data To concatenate write operations, repeat Osc On, Sample and Start after the DO bit of the previous sequence as shown. |