Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC560 Fiches technique(PDF) 13 Page - Semtech Corporation

No de pièce SC560
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560 Fiches technique(HTML) 13 Page - Semtech Corporation

Back Button SC560_08 Datasheet HTML 7Page - Semtech Corporation SC560_08 Datasheet HTML 8Page - Semtech Corporation SC560_08 Datasheet HTML 9Page - Semtech Corporation SC560_08 Datasheet HTML 10Page - Semtech Corporation SC560_08 Datasheet HTML 11Page - Semtech Corporation SC560_08 Datasheet HTML 12Page - Semtech Corporation SC560_08 Datasheet HTML 13Page - Semtech Corporation SC560_08 Datasheet HTML 14Page - Semtech Corporation SC560_08 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SC560
13
Layout Considerations
While layout for linear devices is generally not as critical as
for a switching application, careful attention to detail will
ensure reliable operation. The diagram below illustrates
proper layout of a circuit using the SC560A.
Attach the part to a large copper footprint, to
enable better heat transfer from the device
on PCBs where there are internal power and
ground planes.
Place the input, output, and bypass capacitors
close to the device for optimal transient
response and device behavior.
•
•
Applications Information (continued)
Connect all ground connections directly to the
ground plane whenever possible to minimize
ground potential differences on the PCB.
Ensure that the feedback resistors are placed as
close as possible to the feedback pins.
•
•
R1
R2
R3
R4
C4
C3
C2
C1
1
U1
U1 = SC560A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15