Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECKTFC151KB Fiches technique(PDF) 5 Page - Panasonic Semiconductor

No de pièce ECKTFC151KB
Description  Ceramic Capacitors (Safety Regulation SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTFC151KB Fiches technique(HTML) 5 Page - Panasonic Semiconductor

  ECKTFC151KB Datasheet HTML 1Page - Panasonic Semiconductor ECKTFC151KB Datasheet HTML 2Page - Panasonic Semiconductor ECKTFC151KB Datasheet HTML 3Page - Panasonic Semiconductor ECKTFC151KB Datasheet HTML 4Page - Panasonic Semiconductor ECKTFC151KB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Capacitors (Safety Regulation SMD)
0.8
0.7
0.6
0.4
0.2
0
250
500
750
1000
1250
1500
4700 pF
2200 pF
1000 pF
0.5
0.3
0.1
100 pF
220 pF
470 pF
Voltage (Vrms)
0.8
0.6
0.4
0.2
0.7
0.5
0.3
0.1
0
0
250
500
750
1000
1250
1500
220 pF
2200 pF(F)
1000
pF(E
)
470 pF
100 pF
Voltage (Vrms)
100
10
1
0.1
110
100
1000
Frequency (MHz)
470 pF
220 pF
100 pF
2200 pF
4700 pF
1000 pF
100
10
1
0.1
110
100
1000
Frequency (MHz)
470 pF
220 pF
100 pF
2200 pF
1000 pF
PWER
DATA
DAA
DAA
Tip & Ring
Coupling and Insulation
Noise suppression
Noise suppression
Noise suppression
■ Application Examples
● MODEM
■ Typical Characteristics
● Impedance vs. Frequency Characteristics
● Current vs. Voltage (Leakage Current Characteristics)
Type BC
Type FC
Type BC
Type FC
● Primary circuit of Switching Power Supply
Dec. 2007



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com