| Moteur de recherche de fiches techniques de composants électroniques |
|
B41896 Fiches technique(PDF) 2 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B41896 Fiches technique(HTML) 2 Page - EPCOS |
|
2 / 30 page ![]() Long-life grade capacitors Applications Automotive applications Power supplies Features High operating temperature capability up to 135 °C Extra long useful life High ripple current capability Compact design Low ESR RoHS-compatible Construction Radial leads Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulating sleeve Case with safety vent Delivery mode Terminal configurations and packing: Bulk Taped, Ammo pack Cut Kinked PAPR (protection against polarity reversal): crimped leads, J leads, bent leads Refer to chapter "Single-ended capacitors - Taping, packing and lead configurations" for further details and ordering example. Single-ended capacitors B41896 Up to 135 °C Page 2 of 30 Please read Cautions and warnings and Important notes at the end of this document. |