Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECEG2DG152P Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce ECEG2DG152P
Description  Screw Terminal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG2DG152P Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  ECEG2DG152P Datasheet HTML 1Page - Panasonic Semiconductor ECEG2DG152P Datasheet HTML 2Page - Panasonic Semiconductor ECEG2DG152P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aluminum Electrolytic Capacitors/GNH
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE191 –
Series:
GNH
-25 to + 105
°C
160 to 400 V .DC
390 to 22000 µ F
-10 to +30% (120Hz/+20
°C)
Japan
U.S.A.
(µA) max.after 5 minutes application of rated working voltage at +20
°C
C:Capacitance(µF)
V: W.V. (V.DC)
0.80
0.86
0.90
0.71
0.83
0.85
0.65
0.81
0.85
50
60
120
300
360
1k
10k to
36
51, 64
77, 90
36
51, 64
77, 90
36
51, 64
77, 90
0.86
0.91
0.95
0.79
0.88
0.90
0.74
0.87
0.90
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.07
1.05
1.05
1.09
1.07
1.05
1.09
1.07
1.05
1.08
1.06
1.06
1.10
1.08
1.06
1.10
1.08
1.06
1.12
1.08
1.08
1.15
1.13
1.11
1.16
1.13
1.11
1.17
1.10
1.10
1.21
1.20
1.20
1.22
1.21
1.20
Freq.(Hz)
φD(mm)
W.V.(V)
160, 200
250, 350
400
3
ÖCV
φD
64
77
90
F
28.6
31.8
31.8
8.4
45°
120
°
φD
2
W
1
H
59 max
48±1
6
Type 1;
φ36
Type 2
Type 3
14
A
B
2-3.5´7
26
max
(mm)
W2
φD
A
B
C
E
Hmax.
51
64
77
80.0
93.0
104.5
68.0
81.0
93.5
57.5
70.0
90.0
4.4
5.0
5.0
13
13
13
φD
φD1
φD2
W1
W2
51
64
77
90
65.0
76.0
89.0
101.6
74.0
86.0
100.0
113.0
9.0
8.0
8.0
8.0
14.0
13.0
14.0
14.0
(mm)
Screw Terminal Type
s Features
Endurance :105
°C 2000 h
High-voltage and large-capacitance
s Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
Endurance
Shelf Life
Dissipation Factor
After storage for 1000hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in “Endurance”.(With voltage treatment)
After 2000 hours application of DC voltage with specified ripple current (
< rated DC
working voltage ) at +105
°C, the capacitor shall meet the following limits.
Capacitance change
D.F.
DC leakage current
±20% of initial measured value
< 150 % of initial specified value
< initial specified value
=
Please see the attached standard products list
s Frequency Correction Factor for Ripple Current
s Dimensions in mm(not to scale)
s Mounting clamp
s Recommended Applications
For general-purpose inverter, power supply for
non-power failure, motor-control inverter
=
L+4 max
9 max
M5x12
Hexagonal-bolt
P.V.C. sleeve
Vent
Discontinued
Mar. 2005


Numéro de pièce similaire - ECEG2DG152P

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
ECEG2DH103D PANASONIC-ECEG2DH103D Datasheet
60Kb / 3P
Screw Terminal Type
ECEG2DH122P PANASONIC-ECEG2DH122P Datasheet
60Kb / 3P
Screw Terminal Type
ECEG2DH123C PANASONIC-ECEG2DH123C Datasheet
60Kb / 3P
Screw Terminal Type
ECEG2DH152N PANASONIC-ECEG2DH152N Datasheet
60Kb / 3P
Screw Terminal Type
ECEG2DH153A PANASONIC-ECEG2DH153A Datasheet
60Kb / 3P
Screw Terminal Type
More results

Description similaire - ECEG2DG152P

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
Screw Terminal Type
logo
METZ CONNECT GmbH
310071XX METZ-310071XX Datasheet
336Kb / 5P
screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
screw type terminal block, pluggable
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com